PART |
Description |
Maker |
MAX3450E08 MAX3450EEUD MAX3451EEUD MAX3452EEUD MAX |
隆戮15kV ESD-Protected USB Transceivers 卤15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers LINE TRANSCEIVER, PDSO14
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
MAX3450 MAX3450E MAX3450EETE MAX3450EEUD MAX3451EE |
LINE TRANSCEIVER, QCC16 ±15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers LINE TRANSCEIVER, PDSO14 Single Full-Duplex LVDS Transceiver 14-SOIC -40 to 85 【15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers /- 15 kV ESD-protected USB transceiver
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3008EBP-T MAX3003EBP-T MAX3003ETP MAX3003EUP MA |
SPECIALTY INTERFACE CIRCUIT, QCC20 1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 卤15kV ESD-Protected, 0.1渭A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 隆戮15kV ESD-Protected, 0.1楼矛A, 35Mbps, 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC
|
MAX6817 MAX6816 MAX6818 MAX6818EAP MAX6816EUS-T MA |
±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers 8-Bit Binary Counters With Input Registers 20-LCCC -55 to 125 15kV ESD-Protected / Single/Dual/Octal / CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal,CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal,
CMOS Switch Debouncers 15kV ESD-Protected Single/Dual/Octal CMOS Switch Debouncers 【15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3440EEPA |
±15kV ESD-Protected, ±60V Fault-Protected,10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
ACT8502 ACT8502-7 ACT8502-C ACT8502-I ACT8502-S AC |
ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
ISL83239EI ISL83239EIA ISL83239EIV ISL83239EIA-T I |
【15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers 15kV ESD Protected/ 10nA Supply- Current/ 3V to 5.5V/ 250kbps/ RS-232 Transmitters/Receivers 15kV ESD Protected 10nA Supply- Current 3V to 5.5V 250kbps RS-232 Transmitters/Receivers ±15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 ??5kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
|
INTERSIL[Intersil Corporation]
|
ADM206E ADM213E ADM207E ADM208E ADM211E ADM206EAN |
0.3-6V; 800-1000mW; EMI-EMC-compliant, -15kV ESD protected RS-232 line driver/receiver. For laptop computers, notebook computers, printers, peripherals and modems EMI/EMC Compliant, 5kV Protected, RS-232 230kBPS Transceiver with 4 Drivers, 5 Receivers and Shutdown and Enable Pins EMI/EMC Compliant, 5kV Protected, RS-232 230kBPS Transceiver with 4 Drivers & 4 Receivers EMI/EMC Compliant, 5kV Protected, 230kBPS, RS-232 Transceiver with 5 Drivers & 3 Receivers EMI-EMC-Compliant, 15 kV ESD Protected, RS-232 Line Drivers/Receivers EMI/EMC Compliant, 615 kV ESD Protected, RS-232 Line Driver/Receiver in a 24-Pin SO Package
|
Analog Devices
|
ISL4221E ISL4221EIR ISL4221EIRZ ISL4223E ISL4223EI |
QFN Packaged, 卤15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232 QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232 QFN Packaged, 5kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers LINE TRANSCEIVER, PQCC16
|
Intersil Corporation Intersil, Corp.
|
5962-9159302MZX 5962-9159301MZX 5962-9159305MKX 59 |
x4 SRAM ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters x4的SRAM ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers x4的SRAM
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd.
|
|